Part Number Hot Search : 
W78E058B 12022 ECH8618 SC950 L8560 39000 ACT8310 1N758A
Product Description
Full Text Search
 

To Download TC624EPA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC622/TC624
Low Cost Single Trip Point Temperature Sensor
Features
* Temperature Set Point Easily Programs with a Single External Resistor * Operates with 2.7V Power Supply (TC624) * TO-220 Package for Direct Mounting to Heatsink (TC622XAT) or Standard 8-Pin PDIP and SOIC
General Description
The TC622 and TC624 are programmable solid-state temperature sensors designed to replace mechanical switches in sensing and control applications. Both devices integrate the temperature sensor with a voltage reference and all required detector circuitry. The desired temperature set point is set by the user with a single external resistor. Ambient temperature is sensed and compared to the programmed set point. The OUT and OUT outputs are driven to their active state when the measured temperature exceeds the programmed set point. The TC622 has a power supply voltage range of 4.5V to 18.0V while the TC624 operates over a power supply range of 2.7V to 4.5V. Both devices are usable over a temperature range of -40C to +125C (TC622VXX, TC624VXX). Both devices feature low supply current making them suitable for portable applications. Eight-pin through-hole and surface mount packages are available. The TC622 is also offered in a 5-pin TO-220 package. The TC622 and TC624 are single point temperature detectors ideal for use in a wide variety of applications.
Applications
* * * * * Power Supply Over-Temperature Detection Consumer Electronics Fire/ Heat Detection UPSs, Amplifiers, Motors CPU Thermal Management in PCs
Device Selection Table
Part Number TC622COA TC622CPA TC622EAT TC622EOA TC622EPA TC622VAT TC622VOA TC622VPA TC624COA TC624CPA TC624EOA TC624EPA TC624VOA TC624VPA Voltage Operation 4.5V to 18V 4.5V to 18V 4.5V to 18V 4.5V to 18V 4.5V to 18V 4.5V to 18V 4.5V to 18V 4.5V to 18V 2.7V to 4.5V 2.7V to 4.5V 2.7V to 4.5V 2.7V to 4.5V 2.7V to 4.5V 2.7V to 4.5V Package 8-Pin SOIC 8-Pin PDIP 5-Pin TO-220 8-Pin SOIC 8-Pin PDIP 5-Pin TO-220 8-Pin SOIC 8-Pin PDIP 8-Pin SOIC 8-Pin PDIP 8-PinSOIC 8-Pin PDIP 8-Pin SOIC 8-Pin PDIP Ambient Temperature 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -40C to +125C -40C to +125C -40C to +125C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +125C -40C to +125
2002 Microchip Technology Inc.
DS21440B-page 1
(c)
TC622/TC624
Package Type
PDIP
NC OUT OUT GND 1 2 3 4 8 NC VDD NC TSET NC OUT OUT GND 1 2 3 4
SOIC
8 NC VDD NC TSET
SOT-220
TC622CPA TC622EPA TC622VPA
7 6 5
TC622COA TC622EOA TC622VOA
7 6 5
TC622EAT TC622VAT
NC OUT OUT GND
1 2 3 4
8
NC
NC OUT
1 2 3 4
8
NC VDD
12345
TC624CPA TC624EPA TC624VPA
OUT OUT
+9V
OUT GND
6 5
NC TSET
6
NC
5 TSET
Note: For TO-220 Package, Pin 3 is connected to case heatsink.
Functional Block Diagram
9V Battery
RSET Horn 1 5 NC TSET VDD 7 Microcontrollers NC 8
TC622 TC624
6 4 OUT NC GND OUT
3
2 ALARM
(c)
DS21440B-page 2
2002 Microchip Technology Inc.
GND TSET
VDD
7
VDD
TC624COA TC624EOA TC624VOA
7
TC622/TC624
1.0 ELECTRICAL CHARACTERISTICS
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings*
Supply Voltage (TC622) ......................................... 20V (TC624) ........................................ 5.5V Input Voltage Any Input .. (GND - 0.3V) to (VDD +0.3V) Operating Temperature ...................... -40C to +125C C Version .............................. 0C to +70C E Version ........................... -40C to +85C V Version ......................... -40C to +125C Storage Temperature ......................... -65C to +150C
.
TC622/TC624 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Over operating temperature range, unless otherwise specified. Symbol VDD IDD VOH Parameter Supply Voltage Range Supply Current Output Voltage (High) Device TC622 TC624 TC622 TC624 TC622 Min 4.5 2.7 -- -- 0.90 x VDD 0.80 x VDD VOL Output Voltage (Low) TC622 -- -- -- -- 0.90 x VDD 0.80 x VDD -- -- -- T-5 T-5 -- -- Typ -- -- 200 170 -- -- -- -- -- -- -- -- -- -- T1 T1 2 2 Max 18 4.5 600 300 -- -- 0.15 x VDD 0.30 x VDD 0.35 x VDD -- -- 0.1 x VDD 0.2 x VDD 0.25 x VDD T+5 T+5 -- -- V Unit V A V 5.0V VDD 18V 2.7V VDD 4.5V 5.0V VDD 18V, -40C TA +125C, IOH = 250A IOH = 500A -40C TA +85C, IOL = 500A IOL = 1mA -40C TA +125C, IOL = 1mA 2.7V VDD 4.5V -40C TA +125C, IOH = 250A IOH = 500A -40C TA +85C, IOL = 500A IOL = 1mA -40C TA +125C, IOL = 1mA TSET = Programmed Temperature TSET = Programmed Temperature Test Conditions
VOH
Output Voltage (High)
TC624
V V
VOL
Output Voltage (Low)
TC624
TSET OUT
Absolute Accuracy Trip Point Hysteresis
TC622 TC624 TC622 TC624
C C
2002 Microchip Technology Inc.
DS21440B-page 3
(c)
TC622/TC624
2.0 PIN DESCRIPTION
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
Pin No. (8-Pin SOIC) (8-Pin PDIP) 1 2 3 4 5 6 7 8
PIN FUNCTION TABLE
Symbol NC OUT OUT GND TSET NC VDD NC No Internal Connection. Active low output. Active high output. Ground Terminal. Temperature set point. Connect an external 1% resistor from TSET to VCC to set trip point. No Internal Connection. Power supply input. No Internal Connection. Description
Pin No. (5-Pin SOT-220) 1 2 3 4 5
Symbol OUT OUT VDD GND TSET Active low output. Active high output. Power supply input. Ground Terminal.
Description
Temperature set point. Connect an external 1% resistor from TSET to VCC to set trip point.
(c)
DS21440B-page 4
2002 Microchip Technology Inc.
TC622/TC624
3.0
3.1
DETAILED DESCRIPTION
Trip Point Programming
3.2
Hysteresis
When the temperature of the device exceeds the programmed temperature trip point, TSET, the OUT and OUT outputs are driven into their active states. The desired trip point temperature is programmed with a single external resistor connected between the TSET input and VCC. The relationship between the resistor value and the trip point temperature is given by Equation 3-1.
To prevent output "chattering" at the trip point temperature, the temperature detector in the TC622/TC624 has 2C hysteresis (see Figure 3-2). The outputs are driven active when the temperature crosses the set point determined by the external resistor. As temperature declines below the set point, the hysteresis action will hold the outputs true until the temperature drops 2C below the threshold.
FIGURE 3-2:
TC622/TC624 HYSTERESIS
Temperature
EQUATION 3-1:
RTRIP = 0.5997 x T 2.1312 Where: RTRIP = Programming resistor value in Ohms T = Desired trip temperature in degrees Kelvin.
Set Point (Set Point - 2 Degrees C)
OUT
For example, as shown in Figure 3-1, to program the device to trip at 50C, the programming resistor is: RTRIP = 0.5997 x ((50 + 273.15)2.1312) = 133.65k
OUT
FIGURE 3-1:
PROGRAMMING RESISTOR VALUES VS. TEMPERATURE
250 RESISTANCE, RTRIP (k)
200
150
100
50 -55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (C)
2002 Microchip Technology Inc.
DS21440B-page 5
(c)
TC622/TC624
4.0
4.1
TYPICAL APPLICATIONS
Over-Temperature Shutdown
4.2
Cooling and Heating Applications
The TC622 can be used to create a simple over-temperature shutdown circuit. In this circuit, temperature is sensed within the system enclosure (internal system ambient) or at the heatsink itself. When measured temperature exceeds a preset limit, a fault is indicated and the system shuts down. Figure 4-1 illustrates an over-temperature shutdown circuit using the TC622 sensor in a single TO-220 package, allowing direct attachment to the heatsink surface. As shown, the TC622 outputs are driven active when the heatsink temperature equals the trip point temperature set by RTRIP. When this happens, the crowbar circuit is activated, causing the supply output to fold back to zero. The TC622 outputs remain active until the heatsink temperature falls a minimum of 2C (built-in hysteresis) below the trip point temperature, at which time the device again allows normal supply operation.
The TC622/TC624 can be used to control a DC fan as shown in Figure 4-2. The fan turns on when the sensed temperature rises above T SET and remains on until the temperature falls below TSET - 2C. Figure 4-3 shows the TC622 acting as a heater thermostat. Circuit operation is identical to that of the cooling fan application.
FIGURE 4-1:
TC622 POWER SUPPLY OVER-TEMPERATURE SHUTDOWN
Heatsink
Output Device
TC622
VCC Output Device VOUT
Circuit Board TC622 Heatsink Mounting
RTRIP
Power Good Signal
TC622
TSET VDD OUT GND OUT OVERTEMP Crowbar Circuit
Heatsink Surface
(c)
DS21440B-page 6
2002 Microchip Technology Inc.
TC622/TC624
FIGURE 4-2: TC624 AS A FAN CONTROLLER FOR NOTEBOOK PC
+2.7 to 4.5V +12V
FIGURE 4-3:
TC622 AS A HEATER THERMOSTAT
+4.5 to 18.0V +12V
RSET 1 NC VDD 7 NC 8 + DC Fan
RSET 1 VDD 7 NC NC 8 Heater
5T SET
5T SET
TC622
6 NC OUT OUT 2 N-Channel Level Logic MOSFET
TC624
6 4 NC GND OUT 3 N-Channel Logic Level MOSFET
4 GND
OUT 2
Temperature
Temperature
OUT
Fan "On"
TSET
TSET
TSET - 2 C
TSET - 2 C
OUT
Heater "On"
2002 Microchip Technology Inc.
DS21440B-page 7
(c)
TC622/TC624
5.0
5.1
PACKAGING INFORMATION
Package Marking Information
Package marking data not available at this time.
5.2
Taping Form
Component Taping Orientation for 8-Pin SOIC (Narrow) Devices
User Direction of Feed
PIN 1
W
P Standard Reel Component Orientation for TR Suffix Device
Carrier Tape, Number of Components Per Reel and Reel Size
Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size
8-Pin SOIC (N)
12 mm
8 mm
2500
13 in
5.3
Package Dimensions
8-Pin Plastic DIP
PIN 1
.260 (6.60) .240 (6.10)
.045 (1.14) .030 (0.76) .400 (10.16) .348 (8.84) .200 (5.08) .140 (3.56) .150 (3.81) .115 (2.92)
.070 (1.78) .040 (1.02)
.310 (7.87) .290 (7.37)
.040 (1.02) .020 (0.51)
.015 (0.38) .008 (0.20) .400 (10.16) .310 (7.87)
3 MIN.
.110 (2.79) .090 (2.29)
.022 (0.56) .015 (0.38)
Dimensions: inches (mm)
(c)
DS21440B-page 8
2002 Microchip Technology Inc.
TC622/TC624
5.4 Package Dimensions (Continued)
8-Pin SOIC
PIN 1
.157 (3.99) .150 (3.81)
.244 (6.20) .228 (5.79)
.050 (1.27) TYP.
.197 (5.00) .189 (4.80) .069 (1.75) .053 (1.35) .020 (0.51) .010 (0.25) .013 (0.33) .004 (0.10) .010 (0.25) .007 (0.18) .050 (1.27) .016 (0.40) Dimensions: inches (mm)
8 MAX. .
5-Pin TO-220
.185 (4.70) .165 (4.19) .117 (2.97) .103 (2.62) .415 (10.54) .390 (9.91) .156 (3.96) .140 (3.56) DIA. .055 (1.40) .045 (1.14)
.293 (7.44) .204 (5.18) .613 (15.57) .569 (14.45) 3 - 7.5 5 PLCS.
.590 (14.99) .482 (12.24)
.037 (0.95) .025 (0.64) .025 (0.64) .012 (0.30) .072 (1.83) .062 (1.57) .273 (6.93) .263 (6.68) .115 (2.92) .087 (2.21)
PIN 1
Dimensions: inches (mm)
2002 Microchip Technology Inc.
DS21440B-page 9
(c)
TC622/TC624
NOTES:
(c)
DS21440B-page 10
2002 Microchip Technology Inc.
TC622/TC624
SALES AND SUPPORT
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. 2. 3. Your local Microchip sales office The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
2002 Microchip Technology Inc.
DS21440B-page 9
(c)
TC622/TC624
NOTES:
(c)
DS21440B-page 10
2002 Microchip Technology Inc.
TC622/TC624
Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, FilterLab, KEELOQ, microID, MPLAB, PIC, PICmicro, PICMASTER, PICSTART, PRO MATE, SEEVAL and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. dsPIC, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, microPort, Migratable Memory, MPASM, MPLIB, MPLINK, MPSIM, MXDEV, PICC, PICDEM, PICDEM.net, rfPIC, Select Mode and Total Endurance are trademarks of Microchip Technology Incorporated in the U.S.A. Serialized Quick Turn Programming (SQTP) is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2002, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved.
Printed on recycled paper.
Microchip received QS-9000 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona in July 1999 and Mountain View, California in March 2002. The Company's quality system processes and procedures are QS-9000 compliant for its PICmicro (R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, non-volatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001 certified.
2002 Microchip Technology Inc.
DS21440B-page 11
(c)
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: 480-792-7627 Web Address: http://www.microchip.com
ASIA/PACIFIC
Australia
Microchip Technology Australia Pty Ltd Suite 22, 41 Rawson Street Epping 2121, NSW Australia Tel: 61-2-9868-6733 Fax: 61-2-9868-6755
Japan
Microchip Technology Japan K.K. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
Rocky Mountain
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7966 Fax: 480-792-7456
China - Beijing
Microchip Technology Consulting (Shanghai) Co., Ltd., Beijing Liaison Office Unit 915 Bei Hai Wan Tai Bldg. No. 6 Chaoyangmen Beidajie Beijing, 100027, No. China Tel: 86-10-85282100 Fax: 86-10-85282104
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea 135-882 Tel: 82-2-554-7200 Fax: 82-2-558-5934
Atlanta
500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307
Singapore
Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-6334-8870 Fax: 65-6334-8850
Boston
2 Lan Drive, Suite 120 Westford, MA 01886 Tel: 978-692-3848 Fax: 978-692-3821
China - Chengdu
Microchip Technology Consulting (Shanghai) Co., Ltd., Chengdu Liaison Office Rm. 2401, 24th Floor, Ming Xing Financial Tower No. 88 TIDU Street Chengdu 610016, China Tel: 86-28-6766200 Fax: 86-28-6766599
Taiwan
Microchip Technology Taiwan 11F-3, No. 207 Tung Hua North Road Taipei, 105, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Chicago
333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
Dallas
4570 Westgrove Drive, Suite 160 Addison, TX 75001 Tel: 972-818-7423 Fax: 972-818-2924
China - Fuzhou
Microchip Technology Consulting (Shanghai) Co., Ltd., Fuzhou Liaison Office Unit 28F, World Trade Plaza No. 71 Wusi Road Fuzhou 350001, China Tel: 86-591-7503506 Fax: 86-591-7503521
EUROPE
Denmark
Microchip Technology Nordic ApS Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45 4420 9895 Fax: 45 4420 9910
Detroit
Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260
China - Shanghai
Microchip Technology Consulting (Shanghai) Co., Ltd. Room 701, Bldg. B Far East International Plaza No. 317 Xian Xia Road Shanghai, 200051 Tel: 86-21-6275-5700 Fax: 86-21-6275-5060
Kokomo
2767 S. Albright Road Kokomo, Indiana 46902 Tel: 765-864-8360 Fax: 765-864-8387
France
Microchip Technology SARL Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
Los Angeles
18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
China - Shenzhen
Microchip Technology Consulting (Shanghai) Co., Ltd., Shenzhen Liaison Office Rm. 1315, 13/F, Shenzhen Kerry Centre, Renminnan Lu Shenzhen 518001, China Tel: 86-755-2350361 Fax: 86-755-2366086
New York
150 Motor Parkway, Suite 202 Hauppauge, NY 11788 Tel: 631-273-5305 Fax: 631-273-5335
Germany
Microchip Technology GmbH Gustav-Heinemann Ring 125 D-81739 Munich, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
Hong Kong
Microchip Technology Hongkong Ltd. Unit 901-6, Tower 2, Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431
Italy
Microchip Technology SRL Centro Direzionale Colleoni Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-039-65791-1 Fax: 39-039-6899883
Toronto
6285 Northam Drive, Suite 108 Mississauga, Ontario L4V 1X5, Canada Tel: 905-673-0699 Fax: 905-673-6509
India
Microchip Technology Inc. India Liaison Office Divyasree Chambers 1 Floor, Wing A (A3/A4) No. 11, O'Shaugnessey Road Bangalore, 560 025, India Tel: 91-80-2290061 Fax: 91-80-2290062
United Kingdom
Arizona Microchip Technology Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44 118 921 5869 Fax: 44-118 921-5820
03/01/02
(c)
DS21440B-page 12
2002 Microchip Technology Inc.
*B04412SD*


▲Up To Search▲   

 
Price & Availability of TC624EPA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X